Part Number Hot Search : 
LC74781M PM5356 68F30 10061 CXMXX L4760 IRLML240 ADT7516
Product Description
Full Text Search
 

To Download SD101A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD101A THRU SD101C
Schottky Diodes
DO-35
min. 1.083 (27.5)
FEATURES For general purpose applications. The LL101 series is a metal-on-sili-
max. .150 (3.8)
max. .079 (2.0)
Cathode Mark
min. 1.083 (27.5)
con Schottky barrier device which is protected by a PN junction guard ring. The low forward voltage drop and fast switching make it ideal for protection of MOS devices, steering, biasing, and coupling diodes for fast switching and low logic level applications. case with type designations SD101AW thru SD101CW and in the MiniMELF case with type designations LL101A thru LL101C.
These diodes are also available in the SOD-123
max. .020 (0.52)
MECHANICAL DATA
Dimensions in inches and (millimeters)
Case: DO-35 Glass Case Weight: approx. 0.13 g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified
Symbol Peak Inverse Voltage SD101A SD101B SD101C VRRM VRRM VRRM Ptot IFSM Tj TS
Value 60 50 40 4001) 2) 2 1251) - 55 to +1501)
Unit V V V mW A C C
Power Dissipation (Infinite Heat Sink) Max. Single Cycle Surge 10 s Square Wave Junction Temperature Storage Temperature Range
1)
Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature
4/98
SD101A THRU SD101C
ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified
Symbol Reverse Breakdown Voltage at IR = 10 A SD101A SD101B SD101C SD101A SD101B SD101C SD101A SD101B SD101C SD101A SD101B SD101C SD101A SD101B SD101C V(BR)R V(BR)R V(BR)R IR IR IR VF VF VF VF VF VF Ctot Ctot Ctot trr RthJA
Min. 60 50 40 - - - - - - - - - - - - - -
Typ. - - - - - - - - - - - - - - - - -
Max. - - - 200 200 200 0.41 0.4 0.39 1 0.95 0.9 2.0 2.1 2.2 1 0.31)
Unit V V V nA nA nA V V V V V V pF pF pF ns K/mW
Leakage Current at VR = 50 V at VR = 40 V at VR = 30 V Forward Voltage Drop at IF = 1 mA at IF = 15 mA
Junction Capacitance at VR = 0 V, f = 1 MHz
Reverse Recovery Time at IF = IR = 5 mA, recover to 0.1 IR Thermal Resistance, Junction to Ambient Air
1)
Valid provided that leads at a distance of 4 mm from case are kept ambient temperature
RATINGS AND CHARACTERISTIC CURVES SD101A THRU SD101C


▲Up To Search▲   

 
Price & Availability of SD101A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X